PART |
Description |
Maker |
RTD P0805-43-100R-G P0805-43-100R-D P0805-43-100R- |
Platinum Temperature Sensor RTD TEMP SENSOR-PLATINUM, 100ohm, RECTANGULAR, SURFACE MOUNT Platinum Temperature Sensor 白金温度传感
|
TT Electronics / Welwyn Welwyn Components, Ltd.
|
MAX6683AUB MAX6683 |
Temperature Sensor and System Monitor in a 10-Pin μMAX Temperature Sensor and System Monitor in a 10-Pin レMAX
|
Maxim Integrated Produc... MAXIM[Maxim Integrated Products]
|
TC650 TC651 TC650ABVUA TC650AAVUA TC650ACVUA TC651 |
Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Over-Temperature Alert (TC650 / TC651) Tiny Integrated Temperature Sensor & Brushless DC Fan Controller Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Over-Temperature Alert The TC650/651 are integrated temperature sensors and brushless DC fan speed controllers. The TC650/651 measure their junction temperature and control the speed of the fan based on that temperature, making them especially suited for applica
|
Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
TSIC-101 |
Fast Response and Low-cost Temperature Sensor IC Temperature Sensor IC
|
Zentrum Mikroelektronik Dresden AG ZMD[Zentrum Mikroelektronik Dresden GmbH] N.A.
|
MCP9803T-M_SNG AMCP9800A0-M_MSG AMCP9800A0-M_OTG A |
The MCP9800 is a digital temperature sensor capable of reading temperatures from -55°C to 125°C. Temperature data is measured ... The MCP9801 is a digital temperature sensor capable of reading temperatures from -55°C to 125°C. Temperature data is measured ... The MCP9802 is a digital temperature sensor capable of reading temperatures from -55°C to 125°C. Temperature data is measured ... The MCP9803 is a digital temperature sensor capable of reading temperatures from -55°C to 125°C. Temperature data is measured ... 2-Wire High-Accuracy Temperature Sensor
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
DS1821 MAX6625RMTT MAX6642YATT98 MAX6628MTAT MAX66 |
Programmable Digital Thermostat and Thermometer 可编程数字温控器和温度计 9-Bit/12-Bit Temperature Sensors with I<sup>2</sup>C-Compatible Serial Interface in a SOT23 ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm DIGITAL TEMP SENSOR-SERIAL, 10BIT(s), 1Cel, SQUARE, SURFACE MOUNT Remote ±1°C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface DIGITAL TEMP SENSOR-SERIAL, 12BIT(s), 5.50Cel, RECTANGULAR, SURFACE MOUNT 2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller and Five GPIOs DIGITAL TEMP SENSOR-SERIAL Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23 DIGITAL TEMP SENSOR-SINGLE TRIP POINT, 1.50Cel, RECTANGULAR, SURFACE MOUNT DIGITAL TEMP SENSOR-SERIAL, 8BIT(s), 3Cel, RECTANGULAR, SURFACE MOUNT
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
AS6200 |
The AS6200 IC is a high accuracy temperature sensor system
|
ams AG
|
AD7416ARMZ-REEL AD7416ARMZ-REEL7 AD7418ARZ-REEL7 A |
DIGITAL TEMP SENSOR-SERIAL, 10BIT(s), 3Cel, SQUARE, SURFACE MOUNT LEAD FREE, SOIC-8 PIN Temperature Sensor: Single-Channel, 10-Bit ADC with On-Chip Temperature to Digital Converter, I2C, ±1°C Accuracy 1-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 Temperature Sensor: 4-Channel, 10-Bit ADC with on-Chip Temperature to Digital Converter, I2C, ±1°C Accuracy 4-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 10-Bit Digital Temperature Sensor (AD7416) and Four Single-Channel ADCs 10-Bit Digital Temperature Sensor
|
Analog Devices, Inc.
|
LTC2983 |
Multi-Sensor High Accuracy Digital Temperature Measurement System
|
Linear Technology
|
TSLW1401R |
EXTENDED TEMPERATURE 128 x 1 LINEAR SENSOR ARRAY WITH HOLD From old datasheet system
|
List of Unclassifed Manufacturers ETC[ETC]
|
LTC2984-15 |
Multi-Sensor High Accuracy Digital Temperature Measurement System with EEPROM
|
Linear Technology
|
MAX1617 MAX1617DBR2 ON0395 |
From old datasheet system SMBus Temperature Sensor with Internal and External Diode Input
|
ONSEMI[ON Semiconductor]
|